Part Number Hot Search : 
UFT14130 LRC63201 LSU426 CY14B DS4311D TA2062 MAX28 PN222
Product Description
Full Text Search
 

To Download L59SRSGCCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsab0282 rev no: v.8 date: mar/24/2005 page: 1 of 3 approved: j. lu checked: allen liu drawn: y.w.wang t- 1 3/4 (5mm) bi - color indicator lam p package dimension s l- 59srsgc - cc super bright red super bright green description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode. features  uniform light output.  low power consumption.  3 leads with one common lead.  i.c. compatible.  long life - solid state reliability.  rohs compliant. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0 .25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. specifications are subject to change without notice.
spec no: dsab0282 rev no: v.8 date: mar/24/2005 page: 2 of 3 approved: j. lu checked: allen liu drawn: y.w.wang selection guid e part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 1/2 l- 59srsgc - cc super bright red (gaalas) 280 600 24 super bright green (gap) 70 200 water clear note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. symbol parameter device typ. max. test conditions units peak peak wavelength super bright red super bright green 660 565 nm i f =20ma d dominant wavelength super bright red super bright green 640 568 nm i f =20ma ? 1/2 spectral line half - width super bright red super bright green 20 30 nm i f =20ma c capacitance super bright red super bright green 45 15 pf v f =0v;f=1mhz v f forward voltage super bright red super bright green 1.85 2.2 2.5 2.5 v i f =20ma i r reverse current all 10 ua v r = 5v parameter super bright red super bright green units power dissipation 100 105 mw dc forward current 30 25 ma peak forward current [1] 155 140 ma reverse voltage v operating / storage temperature - 40c to +85c lead solder temperature [2] 260c for 3 seconds 5 lead solder temperature [3] 260c for 5 seconds
spec no: dsab0282 rev no: v.8 date: mar/24/2005 page: 3 of 3 approved: j. lu checked: allen liu drawn: y.w.wang super bright red /super bright green l- 59srsgc - cc remarks: if special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters.


▲Up To Search▲   

 
Price & Availability of L59SRSGCCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X